Part Number Hot Search : 
MN103SF 2N3773 MC3062 GPTP3150 ON1865 13MSWX7F 203D5 18602350
Product Description
Full Text Search
 

To Download AC-202DYILY-06H-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A MP I R E
SPECIFICATIONS FOR LCD MODULE
CUSTOMER CUSTOMER PART NO. AMPIRE PART NO. APPROVED BY DATE
AC-202DYILY-06H-A(R)
APPROVED BY
CHECKED BY
ORGANIZED BY
Date : 2006/4/27
AMPIRE CO., LTD.
1
RECORD OF REVISION
Revision Date 2006/4/27 Page Contents New Release Editor Lorry
Date : 2006/4/27
AMPIRE CO., LTD.
2
1 FEATURES
(1) Display format : 20 characters x 2 lines (2) Construction : LCD, Black Bezel, Zebra, LED back-light and PCB. (3) Display type: STN Yellow-Green mode, Transflective, 6 o'clock, Positive (4) Controller : ST7066U-0T. (5) Besides +5V for logic circuit, -5V is needed for LCD driving. (6) Extended temperature type. (7) ROHS compliant.
2 MECHANICAL DATA
Parameter Dot size Dot pitch Character size Viewing area Module size (w/ LED back-light) Stand Value 1.10(W) x 1.50(H) 1.20(W) x1.60(H) 5.9(W) x 12.7(H) 147.0(W) x 35.2(H) 182.0(W) x 60.0(H) x 14.0max (T)) Unit mm mm mm mm mm
3 ABSOLUTE MAXIMUM RATINGS
Parameter Logic Circuit Supply Voltage LCD Driving Voltage Input Voltage Extended temp. type Operating Temp. Storage Temp. Symbol VDD-VSS VDD-VO VI TOP TSTG Min 0 0 VSS -20 -30 Max 7.0 16 VDD 70 80 Unit V V V C C
Date : 2006/4/27
AMPIRE CO., LTD.
3
4 ELECTRO-OPTICAL CHARACTERISTICS
Parameter Logic Circuit Supply Voltage LCD Driving Voltage Symbol VDD-VSS VDD-VO Condition Min Typ Max ----- Electronic Characteristics ------20 C 25 C 70 C Input Voltage Logic Supply Current Contrast Rise Time Fall Time Viewing Angle Range VIH VIL IDD --VDD = 5V 4.5 8.0 8.0 8.0 0.7 VDD VSS -5.0 8.5 8.5 8.5 --1.2 5.5 9.0 9.0 9.0 VDD V 0.3 VDD V 1.7 mA Unit V V Note
----- Optical Characteristics ----CR tr tf f b l r Frame Frequency Forward Voltage fF VF 25C -VF=4.05V VF=4.05V 25J 25C 25C 25C & CR2 -----------5 200 200 40 35 35 35 64 4.05 420 35 A * LED Dice number = 2x42=84 -300 300 -----4.3 --Hz V mA cd/m2 Supply Voltage between A&K Deg. ms ms Note 3 Note 1 Note 2
----- LED Back-light Characteristics -----
Forward Current IF LCM Luminous intensity
K (NOTE 1) Contrast ratio : CR = (Brightness in OFF state) / (Brightness in ON state)
Date : 2006/4/27
AMPIRE CO., LTD.
4
( NOTE 2 ) Response time :
(NOTE 3) Viewing angle
Date : 2006/4/27
AMPIRE CO., LTD.
5
5 BLOCK DIAGRAM & INTERFACE
KS0066
SEG 1-40
VDD VSS
Driver D, M, CL1, CL2
No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Symbol VSS VDD VO RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 LED_A LED_K
Function Ground (0V) Supply Voltage for Logic (+5V ) Contrast Adjustment Data/Instruction Select Read/Write Select Enable Signal Data Bus Data Bus Data Bus Data Bus Data Bus Data Bus Data Bus Data Bus LED Power Supply + (4.2V) LED Power Supply - (4.2V)
Date : 2006/4/27
AMPIRE CO., LTD.
SEG 41-100
E RS R/W DB0~DB7
COM 1-16
LCD Panel 20*2 Chars
6
6 POWER SUPPLY
VDD
+5V
VSS LCD MODULE
-5V VO
VR
VDD-VO: LCD Driving Voltage
Date : 2006/4/27
AMPIRE CO., LTD.
7
7 TIMING CHARACTERISTICS
Write Operation
Item Enable cycle time Enable pulse width (high level) Enable rise/fall time Address set- up time (RS, R/W to E) Address hold time Data set-up time Data hold time
Symbol Tc Tpw Tr,Tf TAS TAH TDSW TH
Min 1200 460 0 10 80 10
Typ -
Max 25 -
Unit ns
Date : 2006/4/27
AMPIRE CO., LTD.
8
Read Operation
Item Enable cycle time Enable pulse width (high level) Enable rise/fall time Address set- up time (RS, R/W to E) Address hold time Data delay time Data hold time
Symbol Tc Tpw Tr,Tf TAS TAH TDSW TH
Min 1200 480 0 10 -10
Typ -
Max 25 320 -
Unit ns
Date : 2006/4/27
AMPIRE CO., LTD.
9
8 INSTRUCTION SET
Code Description E.T.(fOSC =250 RS R/ D7 D6 D5 D4 D3 D2 D1 D0 KHZ) W Clear 0 0 0 0 0 0 0 0 0 1 Write"20H" to DDRAM and set DDRAM 1.52ms Display address to "00H" from AC Return 0 0 0 0 0 0 0 0 1 -- Sets DD RAM address to "00H" from AC 1.52ms and return cursor to its original position if Home shifted. The contents of DDRAM are not changed. Entry Mode 0 0 0 0 0 0 0 1 I/D SH Assign cursor moving direction and enable 37 gS SET the shift of entire display. Display 0 0 0 0 0 0 1 D C B Set display (D), cursor (C), and blink of 37 gS ON/OFF cursor (B) on/off control bit. Control Cursor or 0 0 0 0 0 1 S/ R/ -- -- Set cursor moving and display shift control 37 gS Display bit, and the direction, without changing of CL Shift DDRAM data. Function 0 0 0 0 1 DL N F -- -- Sets interface data length (DL:8-bit/4-bit), 37 gS number of display lines (N:2-line/1-line) Set and , displa y font type (F:5x11dots/5x8 dost). Set CG 0 0 0 1 AC AC AC AC AC AC Sets CG RAM address in address counter. 37 gS RAM 543210 Address Set DD 0 0 1 AC AC AC AC AC AC AC Sets DD RAM address in address counter. 37 gS RAM 6 543210 Address Read Busy 0 1 BF AC AC AC AC AC AC AC Whether during internal operation or not 37 gS Flag and 6 5 4 3 2 1 0 can be known by reading BF. The contents Address of address counter can also be read. Write Data 1 0 D7 D6 D5 D4 D3 D2 D1 D0 Writes data into internal RAM (DD RAM 37 gS to RAM /CG RAM). Read Data 1 1 D7 D6 D5 D4 D3 D2 D1 D0 Reads data from internal RAM (DD RAM 37 gS from RAM /CG RAM). * "-- " : don't care Note : When an MPU program with checking the Busy Flag(DB7) is made, it must be necesssary1/2Fosc is necessary for executing the next instruction by the falling edge of the `E' signal after the Busy Flag(DB7) goes to "LOW". Instruction
Date : 2006/4/27
AMPIRE CO., LTD.
10
9 INITIALIZATION SEQUENCE
10 DD RAM ADDRESS
CHAR. 1 LINE 2 LINE 1 00 40 2 01 41 3 02 42 ... ... ... 18 11 51 19 12 52 20 13 53
Date : 2006/4/27
AMPIRE CO., LTD.
11
11 FONT TABLE
Date : 2006/4/27
AMPIRE CO., LTD.
12
12 QUALITY AND RELIABILITY 12.1 TEST CONDITIONS
Tests should be conducted under the following conditions : Ambient temperature : 25 5C Humidity : 60 25% RH.
12.2 SAMPLING PLAN
Sampling method shall be in accordance with MIL-STD-105E , level II, normal single sampling plan .
12.3 ACCEPTABLE QUALITY LEVEL
A major defect is defined as one that could cause failure to or materially reduce the usability of the unit for its intended purpose. A minor defect is one that does not materially reduce the usability of the unit for its intended purpose or is an infringement from established standards and has no significant bearing on its effective use or operation.
12.4 APPEARANCE
An appearance test should be conducted by human sight at approximately 30 cm distance from the LCD module under flourescent light. The inspection area of LCD panel shall be within the range of following limits.
Date : 2006/4/27
AMPIRE CO., LTD.
13
12.5 INSPECTION QUALITY CRITERIA
Item Function Dimension Black spots Description of defects Short circuit or Pattern cut Deviation from drawings Ave . dia . D area A area B Disregard D0.2 3 4 0.2 0.5 for N = 1 Rainbow color or newton ring. Obvious visible damage. See note 1 See note 2 See note 3 Class of Defects Major Major Minor Acceptable level (%) 0.65 1.5 2.5
Black lines
Minor
2.5
Bubbles in polarizer Color uniformity Glass Scratches Contrast ratio Response time Viewing angle
Minor Minor Minor Minor Minor Minor
2.5 2.5 2.5 2.5 2.5 2.5
Zone A active area Zone B viewing area
Date : 2006/4/27
AMPIRE CO., LTD.
14
12.6 RELIABILITY
Test Item High Temperature Operation Low Temperature Operation High Temperature Storage Low Temperature Storage Temperature Cycle Humidity Test Test Conditions 703C , t=96 hrs -203C , t=96 hrs 803C , t=96 hrs -303C , t=96 hrs -30C (30 min.) ~ 25C (5 min.) ~ 80C (30 min.) ( 1 cycle ) Total 5 cycle 40 C, Humidity 90%, 96 hrs 1,2 1,2 1,2 1,2 Note
Sweep frequency : 10 ~ 55 ~ 10 Hz/1min Amplitude : 0.75mm Vibration Test (Packing) 2 Test direction : X.Y.Z/3 axis Duration : 30min/each axis Note 1 : Condensation of water is not permitted on the module. Note 2 : The module should be inspected after 1 hour storage in normal conditions (15-35C , 45-65%RH). Definitions of life end point : l Current drain should be smaller than the specific value. l Function of the module should be maintained. l Appearance and display quality should not have degraded noticeably. l Contrast ratio should be greater than 50% of the initial value.
Date : 2006/4/27
AMPIRE CO., LTD.
15
13 HANDLING PRECAUTIONS
(1) A LCD module is a fragile item and should not be subjected to strong mechanical shocks. (2) Avoid applying pressure to the module surface. This will distort the glass and cause a change in color. (3) Under no circumstances should the position of the bezel tabs or their shape be modified. (4) Do not modify the display PCB in either shape or positioning of components. (5) Do not modify or move location of the zebra or heat seal connectors. (6) The device should only be soldered to during interfacing. Modification to other areas of the board should not be carried out. (7) In the event of LCD breakage and resultant leakage of fluid do not inhale, ingest or make contact with the skin. If contact is made rinse immediately. (8) When cleaning the module use a soft damp cloth with a mild solvent, such as Isopropyl or Ethyl alcohol. The use of water, ketone or aromatic is not permitted. (9) Prior to initial power up input signals should not be applied. (10) Protect the module against static electricity and observe appropriate anti-static precautions.
Date : 2006/4/27
AMPIRE CO., LTD.
16
14 OUTLINE DIMENSION
Date : 2006/4/27
AMPIRE CO., LTD.
o q u i
17


▲Up To Search▲   

 
Price & Availability of AC-202DYILY-06H-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X